PART |
Description |
Maker |
ULN2005 ULN2003 ULN2003L ULN2005A ULN2005L ULN2003 |
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS 高电压,大电流达林顿阵列 Flash Memory IC; Memory Size:64Mbit; Access Time, Tacc:90ns; Package/Case:48-TSOP; Supply Voltage Max:3V; Leaded Process Compatible:Yes; Peak Reflow High Voltage / High Current Darlington Transistor Arrays HIGH-VOLTAGE/ HIGH-CURRENT DARLINGTON ARRAYS (ULN2001A - ULN2005A) High Voltage / High Current Darlington Arrays 500 mA, 50 V, 7 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
List of Unclassifed Man... Electronic Theatre Controls, Inc. Sprague Electric ETC[ETC] List of Unclassifed Manufacturers VISHAY SPRAGUE
|
2SB1151-T60-T 2SB1151L-T60-T 2SB1412-TN3-F-R 2SB14 |
NPN SILICON TRANSISTOR POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS HIGH VOLTAGE HIGH SPEED SWITCHING BIPOLAR POWER GENERAL PURPOSE TRANSISTOR HIGH VOLTAGE SWITCHING TRANSISTOR LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT
|
友顺科技股份有限公司 UTC[Unisonic Technologies]
|
BF393 BF393_D ON0206 |
High Voltage Transistors(NPN) From old datasheet system CASE 29-4, STYLE 1 TO-2 (TO-26AA) HIGH VOLTAGE TRANSISTOR(NPN SILICON) High Voltage Transistor(NPN)
|
Motorola Inc ON Semiconductor Motorola, Inc
|
PZT5551-C-AA3-C-R PZT5551L-A-AA3-B-R PZT5551L-B-AA |
HIGH VOLTAGE SWITCHING TRANSISTOR NPN EPITAXIAL SILICON TRANSISTOR HIGH VOLTAGE TRANSISTOR
|
Unisonic Technologies UTC
|
NCV1413BDR2G |
High Voltage, High Current Darlington Transistor Arrays 0.5 A, 50 V, 7 CHANNEL, NPN, Si, POWER TRANSISTOR High Voltage, High Current Darlington Transistor Arrays(楂?????澶х?娴??杈炬?椤挎?浣???靛?)
|
ON Semiconductor
|
2N5551G-X-AB3-R 2N5551G-X-T92-B 2N5551G-X-T92-K 2N |
HIGH VOLTAGE SWITCHING TRANSISTOR 600 mA, 160 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 HIGH VOLTAGE SWITCHING TRANSISTOR
|
UNISONIC TECHNOLOGIES CO LTD
|
2SC3675 |
NPN Triple Diffused Planar Silicon Transistor 900V/100mA High-Voltage Amplifier High-Voltage Switching Applications
|
SANYO
|
CMPTA42E CMPTA92E |
SMD Small Signal Transistor PNP High Voltage ENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTORS
|
CENTRAL[Central Semiconductor Corp]
|
CA3096_04 CA3096 CA3096A CA3096AE CA3096AM CA3096A |
NPN/PNP Transistor Array, High Voltage, Enhanced Icbo, Iceo and Vce(sat) NPN/PNP Transistor Array, High Voltage, General Purpose, Relaxed Parameters NPN/PNP Transistor Arrays 50 mA, 35 V, 5 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR, MS-012AC 50 mA, 35 V, 5 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR, MS-001BB
|
INTERSIL[Intersil Corporation]
|
2SC3468 2SC3468L-D |
100 mA, 300 V, NPN, Si, SMALL SIGNAL TRANSISTOR LEAD FREE PACKAGE-3 HIGH VOLTAGE TRANSISTOR FOR VIDEO OUTPUT OF HIGH-DEFINITION CRT DISPLAYS
|
Unisonic Technologies Co., Ltd. UTC[Unisonic Technologies]
|
CSC2611 |
1.250W High Voltage NPN Plastic Leaded Transistor. 300V Vceo, 0.100A Ic, 30 - 200 hFE. HIGH VOLTAGE AMPLIFIER AND TV VIDEO OUTPUT
|
Continental Device India Limited
|